PART |
Description |
Maker |
AT49BV002A AT49BV002AN AT49V002ANT AT49V002AT AT49 |
AT49BV002A(N)(T) [Updated 8/03. 19 Pages] 256K x 8 (2M bit). 2.7-Volt Read and 2.7-Vold Write. Top or Bottom Boot Parametric Block Flash 256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Top Boot Parametric Block Flash 256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Bottom Boot Parametric Block Flash
|
Atmel
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
28F200B5 E28F400B5-B60 E28F400B5-T60 TB28F400B5B80 |
5V Boot Block Flash Memory(5 V 引导块闪速存储器) 512K X 8 FLASH 5V PROM, 70 ns, PDSO48 5 VOLT BOOT BLOCK FLASH MEMORY 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corp. Intel Corporation
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
28F320B3 28F008_800B3 28F004_400B3 28F640B3 28F016 |
3 Volt Advanced Boot Block Flash Memory From old datasheet system
|
Intel
|
F320C3BD 28F320C3 28F640C3 28F800C3 |
3 Volt Advanced Boot Block Flash Memory Search --To 28F320C3BD
|
Intel Corporation
|
28F160C3 28F016C3 28F032C3 28F320C3 28F800C3 TE28F |
3 VOLT ADVANCED BOOT BLOCK, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3 VOLT ADVANCED BOOT BLOCK 8-/ 16-/ 32-MBIT FLASH MEMORY FAMILY
|
Intel
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
LH28F160BJHE-BTL70 |
16M-BIT(1Mbit x16/2Mbit x8)Boot Block Flash MEMORY(16M1Mx16/2Mx8)Boot Block 闪速存储器)
|
Sharp Corporation
|
LH28F160BVHE-BTL90 |
16M-BIT(2Mbit x8/1Mbit x16)Boot Block Flash MEMORY(16M2M位x8/1Mx16)Boot Block 闪速存储器)
|
Sharp Corporation
|
AM29LV008BB70REIB AM29LV008BT70REIB AM29LV008BB-80 |
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 HDWR ENDCAP RIGHT FOR SER 3U BLK 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. http://
|
L640MB10PI L640MB10NI L640MB11PI L640MB12NI L640MB |
64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 64兆位个M x 16八米× 8位)的MirrorBit.0伏,只引导扇区闪 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 4M X 16 FLASH 3V PROM, 90 ns, PBGA63 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 64兆位M x 16八米× 8位)MirrorBit.0伏,只引导扇区闪 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|